PART |
Description |
Maker |
LC-1250B2Q2RT LC-1250B2F2T LC-1250B2F1RT LC-1250B2 |
RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet 符合RoHS 2x5纤巧的千兆以太网收发
|
Delta Electronics, Inc.
|
LCP-200A4HSR LCP-200A4HSRH LCP-200A4HSRT |
RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
|
Delta Electronics, Inc.
|
V23818-K305-L56 |
Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LCConnector 纤巧多模850纳米1.0625 GBd光纤通道1.3千兆以太x5⑩收发器的LC连接 SMALL FORM FACTOR MULTIMODE 850 NM 1.0625 GBD FIBRE CHANNEL 1.3 GIGABIT ETHERNET 2X5 TRANSCEIVER WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC Connector
|
Infineon Technologies AG
|
PL-KP2-21-000-11 |
RoHS-Compliant Small Form Factor 1x2 Press-Fit SFP Cage with Light pipes
|
JDS Uniphase Corporation
|
LCP-155B4JSR LCP-155B4JSRH LCP-155B4JSRT |
RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
|
Delta Electronics, Inc.
|
V23818-C18-L35 V23818-C18-L36 V23818-C18-L49 V2381 |
Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LCConnector 纤巧单模1300波长多速率高达155 Mbit / s的收发器LC连接x5钢钉 Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LCConnector 纤巧单模1300波长多速率高达155 Mbit / s的收发器的LC连接x5钢钉 Small Form Factor Single Mode 1300 nm Multirate up to 155 Mbit/s Transceiver 2x5 Pinning with LC Connector
|
Infineon Technologies AG
|
LCP-1250RJ3SR-L LCP-1250RJ3SR |
RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet 符合RoHS铜小型可插拔(SFP)收发器的千兆以太网
|
Delta Electronics, Inc.
|
V23818-N15-L16 V23818-N15-L47 V23818-N15-L17 V2381 |
Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC⑩ Connector
|
INFINEON[Infineon Technologies AG]
|
HFCT-5911ATL |
HFCT-5911ATL · 1.25 GBd SMF Small Form Factor (SFF) PTH 2x5 Transceiver for GbE and iSCSI Applications
|
Agilent (Hewlett-Packard)
|
V23818-K15-L16 V23818-K15-L37 V23818-K15-L45 V2381 |
SMALL FORM FACTOR SINGLE MODE 1300 NM 1.0625 GBIT/S FIBRE CHANNEL 1.25 GIGABIT ETHERNET TRANSCEIVER 2X5/2X10 PINNING WITH LC CONNECTOR
|
Infineon Technologies AG
|
SI4354DY-T1-E3 |
TRANSISTOR 9500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
2N7002KL-TR1 BS170KL-TR1-E3 |
TRANSISTOR 470 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92, ROHS COMPLIANT, TO-18, 3 PIN, FET General Purpose Small Signal
|
Vishay社区 Vishay Siliconix
|